PART |
Description |
Maker |
STIH412ZNB STIH412-EJB STIH412ZJB STIH412-HJB |
Monaco Ultra - ARM-based, UHD multimedia server-box platform
|
ST Microelectronics
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
S6E2DF5J0AGV20000 S6E2DF5G0AGZ20000 S6E2DF5GJAMV20 |
S6E2DF Series 32-bit ARM? Cortex?-M4F based Microcontroller S6E2DF Series 32-bit ARM? Cortex?-M4F based Microcontroller
|
Cypress Semiconductor
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
STM32L073V8 |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
|
STMicroelectronics
|
STM32L083CB STM32L083CZ STM32L083RB STM32L083RZ ST |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
|
STMicroelectronics
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
LPC1115JBD48 LPC1114FBD48 LPC1111FDH20 LPC1111JHN3 |
32-bit ARM Cortex-M0 microcontroller??4kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, TSSOP20 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 4kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN33 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package
|
NXP Semiconductors N.V.
|
STM32F745VE STM32F746VG STM32F746BE STM32F746ZG ST |
Up to 168 I/O ports with interrupt capability ARM-based Cortex-M7 32b MCU FPU, 462DMIPS, up to 1MB Flash/320 16 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
|
STMicroelectronics
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
LPC1114LVFHI33/303 LPC1114LVFHN24/103 |
32-bit ARM Cortex-M0 MCU
|
NXP
|